Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD404334FS Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce HD404334FS
Description  microcomputer with large-capacity memory designed to
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404334FS Fiches technique(HTML) 4 Page - Renesas Technology Corp

  HD404334FS Datasheet HTML 1Page - Renesas Technology Corp HD404334FS Datasheet HTML 2Page - Renesas Technology Corp HD404334FS Datasheet HTML 3Page - Renesas Technology Corp HD404334FS Datasheet HTML 4Page - Renesas Technology Corp HD404334FS Datasheet HTML 5Page - Renesas Technology Corp HD404334FS Datasheet HTML 6Page - Renesas Technology Corp HD404334FS Datasheet HTML 7Page - Renesas Technology Corp HD404334FS Datasheet HTML 8Page - Renesas Technology Corp HD404334FS Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
HD404339 Series
2
• Seven interrupt sources
 Two by external sources
 Three by timers
 One each by the A/D converter and serial interface
• Four low-power dissipation modes
 Standby mode
 Stop mode
 Watch mode
 Subactive mode
• Instruction cycle time: 1 µs (f
OSC = 4 MHz, 1/4 division ratio)
 1/4, 1/8, 1/16, 1/32 system clock division ratio can be selected
Ordering Information
Type
Product Name
Model Name
ROM (words)
RAM (digit)
Package
Mask ROM
HD404334
HD404334S
4,096
512
DP-64S
HD404334FS
FP-64B
HD404336
HD404336S
6,144
DP-64S
HD404336FS
FP-64B
HD404338
HD404338S
8,912
DP-64S
HD404338FS
FP-64B
HD4043312
HD4043312S
12,288
DP-64S
HD4043312FS
FP-64B
HD404339
HD404339S
16,384
DP-64S
HD404339FS
FP-64B
ZTAT
™
HD4074339
HD4074339S
16,384
DP64S
HD4074339FS
FP-64B
Recommended PROM Programmers and Socket Adapters
PROM Programmer
Socket Adapter
Manufacture
Model Name
Package
Manufacture
Model Name
DATA I/O corp
121 B
DP-64S
Hitachi
HS4339ESS01H
FP-64B
HS4339ESF01H
AVAL corp
PKW-1000
DP-64S
Hitachi
HS4339ESS01H
FP-64B
HS4339ESF01H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80