| Moteur de recherche de fiches techniques de composants électroniques |
|
HD404084 Fiches technique(PDF) 21 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD404084 Fiches technique(HTML) 21 Page - Renesas Technology Corp |
|
21 / 161 page ![]() HD404374/HD404384/HD404389/HD404082/HD404084 Series Rev.5.00, Sep.11.2003, page 21 of 161 0 TOB HD404389 Series EVNB TOC SI/SO AVcc AN0 AN1 AN2 AN3 AN4 AN5 AVss HMCS400 CPU ROM RAM External interrupt control circuit 8-bit timer A 8-bit timer B 8-bit timer C 8-bit synchronous serial interface A/D converter 10 bit × 6 channels D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 R00 : Data bus : Signal line R70 R71 R72 R73 R10 R13 R20 R21 R22 P-MOS large current buffer N-MOS large current buffer 0 |