Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STTH112A Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STTH112A
Description  HIGH VOLTAGE ULTRAFAST RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112A Fiches technique(HTML) 4 Page - STMicroelectronics

  STTH112A Datasheet HTML 1Page - STMicroelectronics STTH112A Datasheet HTML 2Page - STMicroelectronics STTH112A Datasheet HTML 3Page - STMicroelectronics STTH112A Datasheet HTML 4Page - STMicroelectronics STTH112A Datasheet HTML 5Page - STMicroelectronics STTH112A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
STTH112/A/U
4/6
PACKAGE MECHANICAL DATA
SMA
E
C
L
E1
D
A1
A2
b
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.70
0.075
0.106
A2
0.05
0.20
0.002
0.008
b
1.25
1.65
0.049
0.065
c
0.15
0.41
0.006
0.016
E
4.80
5.60
0.189
0.220
E1
3.95
4.60
0.156
0.181
D
2.25
2.95
0.089
0.116
L
0.75
1.60
0.030
0.063
2.40
1.65
1.45
1.45
FOOTPRINT (in millimeters)



Html Pages

1 2 3 4 5 6