| Moteur de recherche de fiches techniques de composants électroniques |
|
M38044FEHKP Fiches technique(PDF) 97 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38044FEHKP Fiches technique(HTML) 97 Page - Renesas Technology Corp |
|
97 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 97 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 91 Operating waveform for standard serial I/O mode 1 Fig. 92 Operating waveform for standard serial I/O mode 2 Power source RESET CNVSS P45(TXD) P46(SCLK) P47(BUSY) P44(RXD) td(CNVSS-RESET) td(P45-RESET) Symbol td(CNVss-RESET) td(P45-RESET) Limits Min. Typ. Max. Unit 0 0 – – ms ms Notes: In the standard serial I/O mode 1, input “H” to the P46 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P45 pin to “H” before rising RESET. Power source RESET CNVSS P45(TXD) P47(BUSY) P44(RXD) P46(SCLK) td(CNVSS-RESET) td(P45-RESET) Symbol td(CNVss-RESET) td(P45-RESET) Limits Min. Typ. Max. Unit 0 0 – – ms ms Notes: In the standard serial I/O mode 2, input “H” to the P46 pin. Be sure to set the CNVss pin to “H” before rising RESET. Be sure to set the P45 pin to “H” before rising RESET. |