| Moteur de recherche de fiches techniques de composants électroniques |
|
M38049FDHKP Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38049FDHKP Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 13 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Fig. 11 Memory map of special function register (SFR) 002016 002116 002216 002316 002416 002516 002616 002716 002816 002916 002A16 002B16 002C16 002D16 002E16 002F16 003016 003116 003216 003316 003416 003516 003616 003716 003816 003916 003A16 003B16 003C16 003D16 003E16 003F16 000016 000116 000216 000316 000416 000516 000616 000716 000816 000916 000A16 000B16 000C16 000D16 000E16 000F16 001016 001116 001216 001316 001416 001516 001616 001716 001816 001916 001A16 001B16 001C16 001D16 001E16 001F16 Serial I/O2 register (SIO2) Port P0 (P0) Port P0 direction register (P0D) Port P1 (P1) Port P1 direction register (P1D) Port P2 (P2) Port P2 direction register (P2D) Port P3 (P3) Port P3 direction register (P3D) Port P4 (P4) Port P4 direction register (P4D) Port P5 (P5) Port P5 direction register (P5D) Port P6 (P6) Port P6 direction register (P6D) Timer 12, X count source selection register (T12XCSS) Timer Y, Z count source selection register (TYZCSS) MISRG Transmit/Receive buffer register 1 (TB1/RB1) Serial I/O1 status register (SIO1STS) Serial I/O1 control register (SIO1CON) UART1 control register (UART1CON) Baud rate generator 1 (BRG1) Serial I/O2 control register (SIO2CON) Interrupt control register 2 (ICON2) AD conversion register 1 (AD1) Prescaler Y (PREY) Timer Y (TY) AD/DA control register (ADCON) DA1 conversion register (DA1) DA2 conversion register (DA2) Interrupt edge selection register (INTEDGE) CPU mode register (CPUM) Interrupt request register 1 (IREQ1) Interrupt request register 2 (IREQ2) Interrupt control register 1 (ICON1) Prescaler 12 (PRE12) Timer 2 (T2) Prescaler X (PREX) Timer X (TX) Timer 1 (T1) Timer XY mode register (TM) AD conversion register 2 (AD2) Interrupt source selection register (INTSEL) Watchdog timer control register (WDTCON) 0FF016 0FF116 Port P0 pull-up control register (PULL0) Timer Z low-order (TZL) Timer Z high-order (TZH) PWM control register (PWMCON) PWM prescaler (PREPWM) Timer Z mode register (TZM) PWM register (PWM) Baud rate generator 3 (BRG3) Transmit/Receive buffer register 3 (TB3/RB3) Serial I/O3 status register (SIO3STS) Serial I/O3 control register (SIO3CON) UART3 control register (UART3CON) Port P1 pull-up control register (PULL1) 0FF216 0FF316 Port P2 pull-up control register (PULL2) Port P3 pull-up control register (PULL3) 0FF416 Port P4 pull-up control register (PULL4) 0FF516 0FF616 Port P5 pull-up control register (PULL5) Port P6 pull-up control register (PULL6) ✽ Reserved area: Do not write any data to these addresses, because these areas are reserved. 0FE016 0FE116 Flash memory control register 0 (FMCR0) Flash memory control register 1 (FMCR1) 0FE216 0FE316 Flash memory control register 2 (FMCR2) Reserved ✽ 0FE416 Reserved ✽ 0FE516 0FE616 Reserved ✽ Reserved ✽ 0FE716 0FE816 Reserved ✽ Reserved ✽ 0FE916 Reserved ✽ 0FEA16 Reserved ✽ 0FEB16 0FEC16 Reserved ✽ Reserved ✽ 0FED16 0FEE16 Reserved ✽ Reserved ✽ 0FEF16 Reserved ✽ I2C data shift register (S0) I2C status register (S1) I2C control register (S1D) I2C clock control register (S2) I2C START/STOP condition control register (S2D) I2C special mode status register (S3) I2C special mode control register (S3D) 0FF716 I2C slave address register 0 (S0D0) 0FF816 I2C slave address register 1 (S0D1) 0FF916 I2C slave address register 2 (S0D2) |