| Moteur de recherche de fiches techniques de composants électroniques |
|
M38047F9HKP Fiches technique(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38047F9HKP Fiches technique(HTML) 8 Page - Renesas Technology Corp |
|
8 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 8 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) Table 3 Push and pop instructions of accumulator or processor status register Accumulator Processor status register Push instruction to stack PHA PHP Pop instruction from stack PLA PLP Fig. 7 Register push and pop at interrupt generation and subroutine call Note: Condition for acceptance of an interrupt Interrupt enable flag is “1” Execute JSR On-going Routine M (S)(PCH) (S) (S) – 1 M (S)(PCL) Execute RTS (PCL)M (S) (S) (S)– 1 (S) (S) + 1 (S) (S) + 1 (PCH)M (S) Subroutine POP return address from stack Push return address on stack M (S)(PS) Execute RTI (PS)M (S) (S) (S) – 1 (S) (S) + 1 Interrupt Service Routine POP contents of processor status register from stack M (S)(PCH) (S) (S) – 1 M (S)(PCL) (S) (S) – 1 (PCL)M (S) (S) (S) + 1 (S) (S) + 1 (PCH)M (S) POP return address from stack I Flag is set from “0” to “1” Fetch the jump vector Push return address on stack Push contents of processor status register on stack Interrupt request (Note) Interrupt disable flag is “0” |