| Moteur de recherche de fiches techniques de composants électroniques |
|
M62353GP Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M62353GP Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 10 page ![]() M62353P/FP/GP REJ03D0870-0300 Rev.3.00 Mar 25, 2008 Page 2 of 9 Pin Arrangement VSS (VrefL) GND AO2 AO3 AO1 CLK DO AO8 VDD (VrefU) VCC LD DI AO4 AO5 AO6 AO7 M62353P/FP/GP (Top view) Outline: PRDP0016AA-A (16P4) PRSP0016DE-A (16P2N-A) PLSP0016JA-A (16P2E-A) 4 1 2 3 5 13 16 15 14 12 6 7 11 10 89 Pin Description Pin No. Pin Name Function 14 Dl Serial data input terminal 11 DO Serial data output terminal 13 CLK Serial clock input terminal 12 LD LD terminal input high level then latch circuit data load 15 AO1 2 AO2 3 AO3 4 AO4 5 AO5 6 AO6 7 AO7 10 AO8 8-bit D/A converter output terminal 9 VCC Power supply terminal 16 GND Digital and analog common GND 8 VDD D/A converter upper reference voltage input terminal 1 VSS D/A converter lower reference voltage input terminal |