Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M38048F6HKP Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce M38048F6HKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38048F6HKP Fiches technique(HTML) 5 Page - Renesas Technology Corp

  M38048F6HKP Datasheet HTML 1Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 2Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 3Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 4Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 5Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 6Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 7Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 8Page - Renesas Technology Corp M38048F6HKP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 116 page
background image
Rev.1.01
Jan 25, 2005
page 5 of 114
REJ03B0131-0101Z
3804 Group (Spec. H)
PART NUMBERING
Fig. 4 Part numbering
M3804 9
F
F
H
SP
Product name
Package type
SP : 64P4B
FP : 64P6N-A
HP : 64P6Q-A
KP : 64P6U-A
ROM/PROM size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
Memory type
F : Flash memory version
RAM size
0
1
2
3
4
: 192 bytes
: 256 bytes
: 384 bytes
: 512 bytes
: 640 bytes
: standard
H : Minner spec. change product
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
9
A
B
C
D
E
F
5
6
7
8
9
: 768 bytes
: 896 bytes
: 1024 bytes
: 1536 bytes
: 2048 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More