Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M62320P Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce M62320P
Description  8-bit I/O Expander for I2C BUS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M62320P Fiches technique(HTML) 2 Page - Renesas Technology Corp

  M62320P Datasheet HTML 1Page - Renesas Technology Corp M62320P Datasheet HTML 2Page - Renesas Technology Corp M62320P Datasheet HTML 3Page - Renesas Technology Corp M62320P Datasheet HTML 4Page - Renesas Technology Corp M62320P Datasheet HTML 5Page - Renesas Technology Corp M62320P Datasheet HTML 6Page - Renesas Technology Corp M62320P Datasheet HTML 7Page - Renesas Technology Corp M62320P Datasheet HTML 8Page - Renesas Technology Corp M62320P Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M62320P/FP
REJ03D0863-0300 Rev.3.00 Mar 25, 2008
Page 2 of 10
Pin Arrangement
16
13
14
15
1
4
3
2
12
5
11
6
10
7
9
8
M62320P/FP
(Top view)
Outline: PRDP0016AA-A (16P4)
PRSP0016DE-A (16P2N-A)
SO
CS0
SCL
CS1
SDA
CS2
D0
VDD
D1
D7
D2
D6
D3
D5
GND
D4
Pin Description
Pin No.
Pin Name
I/O
Function
2
SCL
Input
Serial clock input
3
SDA
Input/Output
Serial data input/output
1
SO
Output
Serial data output
16
CS0
15
CS1
14
CS2
Input
Chip select data input
4
D0
5
D1
6
D2
7
D3
9
D4
10
D5
11
D6
12
D7
Input/Output
Parallel data input/output
13
VDD
—
Power supply
8
GND
—
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11