| Moteur de recherche de fiches techniques de composants électroniques |
|
M38049F2HKP Fiches technique(PDF) 49 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38049F2HKP Fiches technique(HTML) 49 Page - Renesas Technology Corp |
|
49 / 116 page ![]() Rev.1.01 Jan 25, 2005 page 49 of 114 REJ03B0131-0101Z 3804 Group (Spec. H) [Serial I/O3 Control Register (SIO3CON)] 003216 The serial I/O3 control register consists of eight control bits for the serial I/O3 function. [UART3 Control Register (UART3CON)] 003316 The UART control register consists of four control bits (bits 0 to 3) which are valid when asynchronous serial I/O is selected and set the data format of an data transfer, and one bit (bit 4) which is al- ways valid and sets the output structure of the P35/TXD3 pin. [Serial I/O3 Status Register (SIO3STS)] 003116 The read-only serial I/O3 status register consists of seven flags (bits 0 to 6) which indicate the operating status of the serial I/O3 function and various errors. Three of the flags (bits 4 to 6) are valid only in UART mode. The receive buffer full flag (bit 1) is cleared to “0” when the receive buffer register is read. If there is an error, it is detected at the same time that data is transferred from the receive shift register to the receive buffer reg- ister, and the receive buffer full flag is set. A write to the serial I/O3 status register clears all the error flags OE, PE, FE, and SE (bit 3 to bit 6, respectively). Writing “0” to the serial I/O3 enable bit SIOE (bit 7 of the serial I/O3 control register) also clears all the status flags, including the error flags. Bits 0 to 6 of the serial I/O3 status register are initialized to “0” at reset, but if the transmit enable bit (bit 4) of the serial I/O3 control register has been set to “1”, the transmit shift completion flag (bit 2) and the transmit buffer empty flag (bit 0) become “1”. [Transmit Buffer Register 3/Receive Buffer Register 3 (TB3/RB3)] 003016 The transmit buffer register 3 and the receive buffer register 3 are located at the same address. The transmit buffer is write-only and the receive buffer is read-only. If a character bit length is 7 bits, the MSB of data stored in the receive buffer is “0”. [Baud Rate Generator 3 (BRG3)] 002F16 The baud rate generator determines the baud rate for serial trans- fer. The baud rate generator divides the frequency of the count source by 1/(n + 1), where n is the value written to the baud rate genera- tor. |