| Moteur de recherche de fiches techniques de composants électroniques |
|
M66013FP Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M66013FP Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 5 page ![]() M66013FP REJ03F0266-0200 Rev.2.00 Mar 18, 2008 Page 2 of 4 Block Diagram Data enable input EN RESET Serial data output Reset input Clock input CLK 4 1 2 Selector Command control circuit ACK bit, output set flag Shift register for serial input (16 bits) Shift register for serial output (16 bits) 16 11 D0 D1 D2 D3 D4 D5 D6 D7 Parallel data input/output 12 13 14 15 16 17 18 16 8 89 7 6 5 Address set input Mode set input MD A0 A1 A2 A3 8 Data register for parallel output (16 bits) 3 19 20 10 DI DO GND VCC Serial data input Pin Arrangement Clock input CLK Reset input Parallel data input/output 1 M66013FP (Top view) Outline: PRSP0020DA-A (20P2N-A) 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 DI D7 D6 D5 D4 D3 D2 D1 D0 DO A0 A1 A2 MD GND VCC A3 /PNSET EN RESET Serial data input Serial data output Data enable input Address set/output set/input Address set input Mode set input |