| Moteur de recherche de fiches techniques de composants électroniques |
|
M38268E4FS Fiches technique(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38268E4FS Fiches technique(HTML) 9 Page - Renesas Technology Corp |
|
9 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 9 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) Table 4 Push and pop instructions of accumulator or processor status register Accumulator Processor status register Push instruction to stack PHA PHP Pop instruction from stack PLA PLP Fig. 7 Register push and pop at interrupt generation and subroutine call Note: Condition for acceptance of an interrupt request here Execute JSR On-going Routine M (S)(PCH) (S) (S) – 1 M (S)(PCL) Execute RTS (PCL)M (S) (S) (S)– 1 (S) (S) + 1 (S) (S) + 1 (PCH)M (S) Subroutine POP return address from stack Push return address on stack M (S)(PS) Execute RTI (PS)M (S) (S) (S) – 1 (S) (S) + 1 Interrupt Service Routine POP contents of processor status register from stack M (S)(PCH) (S) (S) – 1 M (S)(PCL) (S) (S) – 1 (PCL)M (S) (S) (S) + 1 (S) (S) + 1 (PCH)M (S) POP return address from stack I Flag is set from “0” to “1” Fetch the jump vector Push return address on stack Push contents of processor status register on stack Interrupt request (Note) Interrupt enable bit corresponding to each interrupt source is “1” Interrupt disable flag is “0” |