| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS83A Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS83A Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 8 page ![]() HD74LS83A Rev.2.00, Feb.18.2005, page 2 of 7 Function Table Output When C0 = L When C0 = H Input When C2 = L When C2 = H A1 B1 A2 B2 Σ1 Σ2 C2 Σ1 Σ2 C2 A3 B3 A4 B4 Σ3 Σ4 C4 Σ3 Σ4 C4 L L L L L L L H L L H L L L H L L L H L L H L L H L L L H L H H L L L H L H H L L L H L L H L H H L H L H L H H L L L H L H H L H H L L L H H H H L L L H H L H L L L H L H L H H L H L L H H H L L L H L H L H H H L L L H H H L H L L H H L H L L H H L L H H L H H L H H H L H L H H L H H H H L H L H H H H H H L H H H H H H; high level, L; low level, X; irrelevant Note: Input conditions at A1, B1, A2, B2, and C0 are used to determine outputs Σ1 and Σ2 and the value of the internal carry C2. The value at C2, A3, B3, A4, and B4 are than used to determine outputs Σ3, Σ4 and C4. |