| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS78AFPEL Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS78AFPEL Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 7 page ![]() Rev.3.00, Jul.22.2005, page 1 of 6 HD74LS78A Dual J-K Flip-Flops (with Preset, Common Clear, and Common Clock) REJ03D0419–0300 Rev.3.00 Jul.22.2005 Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS78AFPEL SOP-14 pin (JEITA) PRSP0014DF-B (FP-14DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) 1K 1Q 1 Q GND 2 Q 2J CK 2K 1PR 1J VCC CLR 2PR 2Q 1 2 3 4 5 6 7 14 8 9 10 11 12 13 CK PR CLR KJ Q Q CK PR CLR KJ Q Q Function Table Inputs Outputs Preset Clear Clock J K Q Q L H X X X H L H L X X X L H L L X X X H* H* H H ↓ L L Q0 Q 0 H H ↓ H L H L H H ↓ L H L H H H ↓ H H Toggle H H H X X Q0 Q 0 Notes: H; high level, L; low level, X; irrelevant, ↓; transition from high to low level, Q0; level of Q before the indicated steady-state input conditions were established. Q 0; complement of Q0 or level of Q before the indicated steady-state input conditions were established. Toggle; each output changes to the complement of its previous level on each active transition indicated by ↓. * This configuration is nonstable; that is, it will not persist when preset and clear inputs return to their inactive (high) level. |
Numéro de pièce similaire - HD74LS78AFPEL |
|
Description similaire - HD74LS78AFPEL |