| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS75 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS75 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.3.00, May 10, 2006, page 1 of 5 HD74LS75 Quadruple Bistable Latches REJ03D0416-0300 Rev.3.00 May 10, 2006 The HD74LS75 is ideally suited for use as temporary storage for binary information between processing units and input / output or indicator units. Information present at a data (D) input is transferred to the Q output when the enable (G) is high and the Q output will follow the data input as long as the enable remains high. When the enable goes low, the information (that was present at the data input at the time the transition occurred) is retained at the Q output until the enable is permitted to go high. This device features complementary Q and Q outputs from a 4-bit latch. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS75P DILP-16 pin PRDP0016AE-B (DP-16FV) P — HD74LS75FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) 1Q 4 Q 1 Q 1D 2D Enable 3-4 VCC 3D 4D 2Q 2 Q GND Enable 1-2 3 Q 3Q 4Q 15 16 1 2 3 4 5 6 7 14 8 9 10 11 12 13 Q Q Q Q D G D G Q Q D G Q Q D G |
Numéro de pièce similaire - HD74LS75 |
|
Description similaire - HD74LS75 |