| Moteur de recherche de fiches techniques de composants électroniques |
|
M38268EBGP Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M38268EBGP Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 91 page ![]() Rev.1.00 Sep 06, 2006 page 6 of 88 REJ03B0181-0100 3826 Group (One Time PROM version) PART NUMBERING Fig. 4 Part numbering M3826 A E F FP Product ROM size 1 2 3 4 5 6 7 8 9 A B C D E F : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes : 53248 bytes : 57344 bytes : 61440 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used. Memory type E: EPROM version or One Time PROM version Package type FP GP FS : PRQP0100JB-A : PLQP0100KB-A : 100D0 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes : 1536 bytes : 2048 bytes : 2560 bytes RAM size 0 1 2 3 4 5 6 7 8 9 A |