Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSD4235F1-12UI Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce PSD4235F1-12UI
Description  Flash In-System Programmable ISP Peripherals For 16-bit MCUs 5V Supply
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235F1-12UI Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button PSD4235F1-12UI Datasheet HTML 44Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 45Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 46Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 47Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 48Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 49Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 50Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 51Page - STMicroelectronics PSD4235F1-12UI Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
PSD4235G2
48/89
Another option is to configure the EB0 and EB1 as
WRL and WRH signals. In this case, the PSD con-
trol setting will be: OE, WRL, WRH where OE is
the read signal for the MMC2001.
C16x Family. The PSD supports Infineon’s C16X
family of MCUs (C161-C167) in both the multi-
plexed and non-multiplexed bus configuration. In
Figure 26, the C167CR is shown connected to the
PSD in a multiplexed bus configuration. The con-
trol signals from the MCU are WR, RD, BHE and
ALE, and are routed to the corresponding PSD
pins.
The C167 has another control signal setting (RD,
WRL, WRH, ALE) which is also supported by the
PSD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89