| Moteur de recherche de fiches techniques de composants électroniques |
|
455A Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
455A Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 148 page ![]() Rev.1.01 Feb 15, 2008 Page 13 of 146 REJ03B0224-0101 455A Group Fig 7. Port block diagram (5) K1k Ak Ak D T Q FR3k PU1k L3k L3k 01 P20/SEG24, P21/SEG25 (Note 2) K1j Aj Aj D T Q FR3j PU1j L3j L3j 01 P22/SEG26, P23/SEG27 (Note 2) Edge detection circuit Key-on wakeup input IAP2 instruction OP2A instruction Register A (Note 3) Pull-up transistor LCD power supply LCD control signal LCD power supply (Note 3) (Note 3) (Note 1) (Note 1) Edge detection circuit IAP2 instruction OP2A instruction Register A (Note 4) Pull-up transistor LCD power supply LCD control signal (Note 4) LCD power supply (Note 4) (Note 1) (Note 1) Notes 1. This symbol represents a parasitic diode on the port. 2. Applied potential to these ports must be VDD or less. 3. j represents bits 0, 1. 4. k represents bits 2, 3. (Note 3) (Note 4) Key-on wakeup input (Note 3) (Note 3) (Note 4) (Note 4) |