| Moteur de recherche de fiches techniques de composants électroniques |
|
M30624FGPFP Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M30624FGPFP Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 101 page ![]() Rev.2.41 Jan 10, 2006 Page 1 of 96 REJ03B0001-0241 M16C/62P Group (M16C/62P, M16C/62PT) SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER REJ03B0001-0241 Rev.2.41 Jan 10, 2006 1. Overview The M16C/62P Group (M16C/62P, M16C/62PT) of single-chip microcomputers are built using the high performance silicon gate CMOS process using a M16C/60 Series CPU core and are packaged in a 80-pin, 100-pin and 128-pin plastic molded QFP. These single-chip microcomputers operate using sophisticated instructions featuring a high level of instruction efficiency. With 1M bytes of address space, they are capable of executing instructions at high speed. In addition, this microcomputer contains a multiplier and DMAC which combined with fast instruction processing capability, makes it suitable for control of various OA, communication, and industrial equipment which requires high- speed arithmetic/logic operations. 1.1 Applications Audio, cameras, television, home appliance, office/communications/portable/industrial equipment, automobile, etc. Specifications written in this manual are believed to be accurate, but are not guaranteed to be entirely free of error. Specifications in this manual may be changed for functional or performance improvements. Please make sure your manual is the latest edition. |
Numéro de pièce similaire - M30624FGPFP |
|
Description similaire - M30624FGPFP |