| Moteur de recherche de fiches techniques de composants électroniques |
|
M306V2EEFS Fiches technique(PDF) 111 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS Fiches technique(HTML) 111 Page - Renesas Technology Corp |
|
111 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 111 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.11.15 UART0 transmit/receive mode registers in clock synchronous serial I/O mode Symbol Address When reset U0MR 03A016 0016 CKDIR UART0 transmit/receive mode register Internal/external clock select bit STPS PRY PRYE SLEP 0 : Internal clock 1 : External clock Bit name Function Bit symbol W R b7 b6 b5 b4 b3 b2 b1 b0 0 (Must always be set to “0” in clock synchronous serial I/O mode) 01 0 SMD0 SMD1 SMD2 Serial I/O mode select bit 0 0 1 : Clock synchronous serial I/O mode b2 b1 b0 0 Invalid in clock synchronous serial I/O mode Figure 2.11.16 UART2 transmit/receive mode register in clock synchronous serial I/O mode Symbol Address When reset U2MR 037816 0016 CKDIR UART2 transmit/receive mode register Internal/external clock select bit STPS PRY PRYE IOPOL 0 : Internal clock 1 : External clock Bit name Function Bit symbol W R b7 b6 b5 b4 b3 b2 b1 b0 01 0 SMD0 SMD1 SMD2 Serial I/O mode select bit 0 0 1 : Clock synchronous serial I/O mode b2 b1 b0 0 Invalid in clock synchronous serial I/O mode TxD, RxD I/O polarity reverse bit (Note) 0 : No reverse 1 : Reverse Note: Usually set to “0”. |