| Moteur de recherche de fiches techniques de composants électroniques |
|
M306V2EEFP Fiches technique(PDF) 13 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFP Fiches technique(HTML) 13 Page - Renesas Technology Corp |
|
13 / 271 page ![]() M306V2ME-XXXFP, M306V2EEFP Rev.1.40 Oct 06, 2004 page 13 of 269 Figure 2.1.4 Location of peripheral unit control registers (3) Timer A0 register (TA0) Timer A1 register (TA1) Timer A2 register (TA2) Timer B0 register (TB0) Timer B1 register (TB1) Timer B2 register (TB2) Count start flag (TABSR) One-shot start flag (ONSF) Timer A0 mode register (TA0MR) Timer A1 mode register (TA1MR) Timer A2 mode register (TA2MR) Timer B0 mode register (TB0MR) Timer B1 mode register (TB1MR) Timer B2 mode register (TB2MR) Up-down flag (UDF) Timer A3 register (TA3) Timer A4 register (TA4) Timer A3 mode register (TA3MR) Timer A4 mode register (TA4MR) Trigger select register (TRGSR) Clock prescaler reset flag (CPSRF) UART0 transmit/receive mode register (U0MR) UART0 transmit buffer register (U0TB) UART0 receive buffer register (U0RB) UART0 bit rate generator (U0BRG) UART0 transmit/receive control register 0 (U0C0) UART0 transmit/receive control register 1 (U0C1) DMA1 request cause select register (DM1SL) DMA0 request cause select register (DM0SL) UART2 special mode register (U2SMR) UART2 receive buffer register (U2RB) UART2 transmit buffer register (U2TB) UART2 transmit/receive control register 0 (U2C0) UART2 transmit/receive mode register (U2MR) UART2 transmit/receive control register 1 (U2C1) UART2 bit rate generator (U2BRG) 038016 038116 038216 038316 038416 038516 038616 038716 038816 038916 038A16 038B16 038C16 038D16 038E16 038F16 039016 039116 039216 039316 039416 039516 039616 039716 039816 039916 039A16 039B16 039C16 039D16 039E16 039F16 03A016 03A116 03A216 03A316 03A416 03A516 03A616 03A716 03A816 03A916 03AA16 03AB16 03AC16 03AD16 03AE16 03AF16 03B016 03B116 03B216 03B316 03B416 03B516 03B616 03B716 03B816 03B916 03BA16 03BB16 03BC16 03BD16 03BE16 03BF16 02E016 02E116 02E216 02E316 02E416 02E516 02E616 02E716 02E816 02E916 02EA16 02EB16 02EC16 02ED16 02EE16 02EF16 033916 034016 034116 034216 034316 034416 034516 034616 034716 034816 034916 035E16 035F16 036016 036116 036216 036316 036416 036516 036616 036716 036816 036916 036A16 036B16 036C16 036D16 036E16 036F16 037016 037116 037216 037316 037416 037516 037616 037716 037816 037916 037A16 037B16 037C16 037D16 037E16 037F16 Interrupt request cause select register (IFSR) Reserved register 0 (INVC0) UART transmit/receive control register 2 (UCON) Reserved register 1 (INVC1) Reserved register 3 (INVC3) Reserved register 4 (INVC4) Reserved register 2 (INVC2) Reserved register 5 (INVC5) I2C0 status register (IIC0S1) I2C0 control register (IIC0S1D) I2C0 address register (IIC0S0D) I2C0 data shift register (IIC0S0) I2C0 port selection register (IIC0S2D) I2C0 transmit buffer register (IIC0S0S) I2C0 clock control register (IIC0S2) I2C1 status register (IIC1S1) I2C1 control register (IIC1S1D) I2C1 address register (IIC1S0D) I2C1 data shift register (IIC1S0) I2C1 port selection register (IIC1S2D) I2C1 transmit buffer register (IIC1S0S) I2C1 clock control register (IIC1S2) |