| Moteur de recherche de fiches techniques de composants électroniques |
|
2SC4591XM-TL-E Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
2SC4591XM-TL-E Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 5 page ![]() Rev.3.00 Aug 10, 2005 page 1 of 4 2SC4591 Silicon NPN Epitaxial REJ03G0728-0300 (Previous ADE-208-1111A) Rev.3.00 Aug.10.2005 Application UHF / VHF wide band amplifier Outline RENESAS Package code: PLSP0003ZB-A (Package name: MPAK) 1 2 3 1. Emitter 2. Base 3. Collector Note: Marking is “XM–”. Absolute Maximum Ratings (Ta = 25°C) Item Symbol Ratings Unit Collector to base voltage VCBO 15 V Collector to emitter voltage VCEO 9 V Emitter to base voltage VEBO 1.5 V Collector current IC 50 mA Collector power dissipation PC 150 mW Junction temperature Tj 150 °C Storage temperature Tstg –55 to +150 °C |
Numéro de pièce similaire - 2SC4591XM-TL-E |
|
Description similaire - 2SC4591XM-TL-E |