| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS259 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS259 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 8 page ![]() Rev.2.00, Feb.18.2005, page 1 of 7 HD74LS259 8-bit Address Latch REJ03D0471–0200 Rev.2.00 Feb.18.2005 This 8-bit addressable latch is designed for general purpose storage applications in digital systems. Specific uses include working registers, serial-holding registers, and active-high decoders or demultiplexers. This is multifunctional device capable of storing single-line data in eight addressable latches, and being a 1-to-8 decoder or demultiplexer with active-high outputs. Four distinct modes of operation are selectable by controlling the clear and enable inputs as enumerated in the function table. In the addressable-latch mode, data at the data-in terminal is written into the addressed latch. The addressed latch will follow the data input with all unaddressed latches remaining in their previous states. In the memory mode, latch remains in their previous states and is unaffected by the data or address inputs. To eliminate the possibility of entering erroneous data in the latch, the enable should be held high (inactive) while the address lines are changing. In the clear mode, all outputs are low and unaffected by the address and data inputs. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS259P DILP-16 pin PRDP0016AE-B (DP-16FV) — — HD74LS259FPEL SOP-16 pin (JEITA) PRSP0016DH-B (FP-16DAV) FP EL (2,000 pcs/reel) HD74LS259RPEL SOP-16 pin (JEDEC) PRSP0016DG-A (FP-16DNV) RP EL (2,500 pcs/reel) Note: Please consult the sales office for the above package availability. |
Numéro de pièce similaire - HD74LS259 |
|
Description similaire - HD74LS259 |