| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS243FPEL Fiches technique(PDF) 6 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS243FPEL Fiches technique(HTML) 6 Page - Renesas Technology Corp |
|
6 / 7 page ![]() HD74LS243 Rev.3.00, Jul.15.2005, page 6 of 6 Package Dimensions 1.42 0.15 1.27 7.50 8.00 0.40 0.34 p A 1 10.5 FP-14DAV RENESAS Code JEITA Package Code Previous Code Max Nom Min Dimension in Millimeters Symbol Reference 2.20 0.90 0.70 0.50 5.50 0.20 0.10 0.00 0.46 0.25 0.20 0.15 7.80 8 ° 0 ° 0.12 1.15 10.06 0.23g MASS[Typ.] 1 E 1 1 2 L Z H y x θ c b A E D b c e L A P-SOP14-5.5x10.06-1.27 PRSP0014DF-B Index mark 1 *1 7 14 8 F *3 p M x y D Z b p Terminal cross section ( Ni/Pd/Au plating ) b Detail F 1 L L θ NOTE) 1. DIMENSIONS" *1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION" *3"DOES NOT INCLUDE TRIM OFFSET. e |