| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS191P Fiches technique(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS191P Fiches technique(HTML) 3 Page - Renesas Technology Corp |
|
3 / 11 page ![]() HD74LS191 Rev.2.00, Feb.18.2005, page 3 of 10 Block Diagram Ripple Clock Max/Min Output Down/Up Clock Data Input A Enable G Data Input C Data Input B Data Input D Load Clear Preset CK JQA Output QA QA K Clear Preset CK JQB Output QB QB K Clear Preset CK JQC Output QC QC K Clear Preset CK JQD Output QD QD K Absolute Maximum Ratings Item Symbol Ratings Unit Supply voltage VCC 7 V Input voltage VIN 7 V Power dissipation PT 400 mW Storage temperature Tstg –65 to +150 °C Note: Voltage value, unless otherwise noted, are with respect to network ground terminal. |