Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74LS152FPEL Fiches technique(PDF) 2 Page - Renesas Technology Corp

No de pièce HD74LS152FPEL
Description  1-of-8 Data Selector / Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LS152FPEL Fiches technique(HTML) 2 Page - Renesas Technology Corp

  HD74LS152FPEL Datasheet HTML 1Page - Renesas Technology Corp HD74LS152FPEL Datasheet HTML 2Page - Renesas Technology Corp HD74LS152FPEL Datasheet HTML 3Page - Renesas Technology Corp HD74LS152FPEL Datasheet HTML 4Page - Renesas Technology Corp HD74LS152FPEL Datasheet HTML 5Page - Renesas Technology Corp HD74LS152FPEL Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
HD74LS152
Rev.2.00, Feb.18.2005, page 2 of 5
Block Diagram
Output W
Data
Select
(Binary)
Data
Inputs
D1
D0
D2
D3
D4
D5
D6
D7
A
B
C
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Supply voltage
VCC
7
V
Input voltage
VIN
7
V
Power dissipation
PT
400
mW
Storage temperature
Tstg
–65 to +150
°C
Note:
Voltage value, unless otherwise noted, are with respect to network ground terminal.
Recommended Operating Conditions
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.75
5.00
5.25
V
IOH
—
—
–400
µA
Output current
IOL
—
—
8
mA
Operating temperature
Topr
–20
25
75
°C



Html Pages

1 2 3 4 5 6