| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS152 Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS152 Fiches technique(HTML) 1 Page - Renesas Technology Corp |
|
1 / 6 page ![]() Rev.2.00, Feb.18.2005, page 1 of 5 HD74LS152 1-of-8 Data Selector / Multiplexer REJ03D0438–0200 Rev.2.00 Feb.18.2005 This data selector / multiplexer contains full-on-chip binary decoding to select the desired data source. The HD74LS152 selects one-of-eight data sources. Features • Ordering Information Part Name Package Type Package Code (Previous Code) Package Abbreviation Taping Abbreviation (Quantity) HD74LS152FPEL SOP-14 pin (JEITA) PRSP0014DF-B (FP-14DAV) FP EL (2,000 pcs/reel) Note: Please consult the sales office for the above package availability. Pin Arrangement (Top view) GND 1 2 3 4 5 6 7 14 8 9 10 11 12 13 4 3 2 1 C 0 W W VCC 5 D4 6 D6 7 D7 B D5 A A D2 D1 D3 D0 C B Data Inputs Data Select Data Inputs Outputs Function Table Select inputs Output Select inputs Output C B A W C B A W L L L D 0 H L L D 4 L L H D 1 H L H D 5 L H L D 2 H H L D 6 L H H D 3 H H H D 7 Notes: D0 to D7; the level of the D respective input H; high level L; low level |
Numéro de pièce similaire - HD74LS152 |
|
Description similaire - HD74LS152 |