| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LS125AFPEL Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LS125AFPEL Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 5 page ![]() HD74LS125A Rev.2.00, Feb.18.2005, page 4 of 4 14 8 7 F *1 *3 p M x y 1 Index mark b Z D Terminal cross section ( Ni/Pd/Au plating ) p b 1 Detail F L L θ PRSP0014DE-A P-SOP14-3.95x8.65-1.27 A L e e c b D E A b c θ x y H Z L 2 1 1 E 1 MASS[Typ.] 0.13g 8.65 1.08 0.25 0 ° 8 ° 6.10 0.15 0.20 0.25 0.46 0.10 0.14 0.25 3.95 0.40 0.60 1.27 1.75 Reference Symbol Dimension in Millimeters Min Nom Max Previous Code JEITA Package Code RENESAS Code FP-14DNV 9.05 1 A p 0.34 0.40 6.20 5.80 1.27 0.15 0.635 NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET. |