| Moteur de recherche de fiches techniques de composants électroniques |
|
HD74LVC2244AFPEL Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD74LVC2244AFPEL Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 10 page ![]() HD74LVC2244A Rev.3.00 Aug. 20, 2004 page 2 of 9 Pin Arrangement (Top view) 17 18 15 16 19 20 11 12 13 14 VCC 2 G 1Y1 2A4 1Y2 2A3 1 2 3 4 5 6 7 8 9 10 1 G 1A1 2Y4 1A2 2Y3 1A3 2Y2 1A4 2Y1 GND 1Y3 2A2 1Y4 2A1 Absolute Maximum Ratings Item Symbol Ratings Unit Conditions Supply voltage VCC –0.5 to 7.0 V Input voltage VI –0.5 to 7.0 V –0.5 to 7.0 Output “Z” or VCC : OFF Output voltage VO –0.5 to VCC+0.5 V Output “H” or “L” Input diode current IIK –50 mA VI < 0 Output diode current IOK –50 mA VO < 0 Output current IO ±50 mA VCC, GND current ICC or IGND ±100 mA Storage temperature Tstg –65 to 150 °C Note: The absolute maximum ratings are values, which must not individually be exceeded, and furthermore no two of which may be realized at the same time. |