| Moteur de recherche de fiches techniques de composants électroniques |
|
STPS60L45CW Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS60L45CW Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 4 page ![]() STPS60L45CW 4/4 Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics © 2003 STMicroelectronics - Printed in Italy - All rights reserved. STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com PACKAGE MECHANICAL DATA TO-247 F2 F1 V2 L4 L2 L1 L3 D L L5 ME H V V A Dia. F3 F4 G = = F(x3) REF. DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 4.85 5.15 0.191 0.203 D 2.20 2.60 0.086 0.102 E 0.40 0.80 0.015 0.031 F 1.00 1.40 0.039 0.055 F1 3.00 0.118 F2 2.00 0.078 F3 2.00 2.40 0.078 0.094 F4 3.00 3.40 0.118 0.133 G 10.90 0.429 H 15.45 15.75 0.608 0.620 L 19.85 20.15 0.781 0.793 L1 3.70 4.30 0.145 0.169 L2 18.50 0.728 L3 14.20 14.80 0.559 0.582 L4 34.60 1.362 L5 5.50 0.216 M 2.00 3.00 0.078 0.118 V5° 5° V2 60° 60° Dia. 3.55 3.65 0.139 0.143 Type Marking Package Weight Base qty Delivery mode STPS60L45CW STPS60L45CW TO-247 4.36 g 30 Tube s Cooling method : C s RECOMMENDED TORQUE VALUE : 0.8M.N s MAXIMUM TORQUE VALUE : 1.0M.N s EPOXY MEETS UL94,V0 |