Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAM2701 Fiches technique(PDF) 14 Page - Power Analog Micoelectronics

No de pièce PAM2701
Description  4-Channel Regulated Charge Pump White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PAM [Power Analog Micoelectronics]
Site Internet  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2701 Fiches technique(HTML) 14 Page - Power Analog Micoelectronics

Back Button PAM2701 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 11Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 12Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 13Page - Power Analog Micoelectronics PAM2701 Datasheet HTML 14Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
Outline Dimension
14
4x4mm QFN 16
09/2008 Rev 1.3
,
Power Analog Microelectronics Inc
DIMENSIONS (Millieters)
MIN
TYP
MAX
A
0.80
0.90
1.00
A1
0.00
0.02
0.05
A2
0.20
b
0.25
0.30
0.35
D
3.90
4.00
4.10
D1
2.00
2.15
2.25
E
3.90
4.00
4.10
E1
2.00
2.15
2.25
e0.65BSC
L
0.45
0.55
0.65
N16
aaa
0.08
bbb
0.10
www.poweranalog.com
PAM2701
4-Channel Regulated Charge Pump White LED Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14