Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST13003D-K Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce ST13003D-K
Description  High voltage fast-switching NPN power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003D-K Fiches technique(HTML) 5 Page - STMicroelectronics

  ST13003D-K Datasheet HTML 1Page - STMicroelectronics ST13003D-K Datasheet HTML 2Page - STMicroelectronics ST13003D-K Datasheet HTML 3Page - STMicroelectronics ST13003D-K Datasheet HTML 4Page - STMicroelectronics ST13003D-K Datasheet HTML 5Page - STMicroelectronics ST13003D-K Datasheet HTML 6Page - STMicroelectronics ST13003D-K Datasheet HTML 7Page - STMicroelectronics ST13003D-K Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ST13003D-K
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8