Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S2000AF_0708 Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce S2000AF_0708
Description  High voltage NPN power transistor for standard definition CRT display
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2000AF_0708 Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button S2000AF_0708 Datasheet HTML 3Page - STMicroelectronics S2000AF_0708 Datasheet HTML 4Page - STMicroelectronics S2000AF_0708 Datasheet HTML 5Page - STMicroelectronics S2000AF_0708 Datasheet HTML 6Page - STMicroelectronics S2000AF_0708 Datasheet HTML 7Page - STMicroelectronics S2000AF_0708 Datasheet HTML 8Page - STMicroelectronics S2000AF_0708 Datasheet HTML 9Page - STMicroelectronics S2000AF_0708 Datasheet HTML 10Page - STMicroelectronics S2000AF_0708 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Package mechanical data
S2000AF
8/11
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11