| Moteur de recherche de fiches techniques de composants électroniques |
|
MSC8103 Fiches technique(PDF) 89 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MSC8103 Fiches technique(HTML) 89 Page - Freescale Semiconductor, Inc |
|
89 / 104 page ![]() FC-PBGA Package Description MSC8103 Network Digital Signal Processor, Rev. 12 Freescale Semiconductor 3-23 C4 D2 C5 D5 C6 D9 C7 D15 C8 D20 C9 D25 C10 D30 C11 D35 / HD3 C12 D40 / HD8 C13 D44 / HD12 C14 D49 / HA1 C15 D53 / HRW / HRD C16 D58 / HDDS C17 D61 C18 DBB / IRQ3 C19 BADDR29 / IRQ2 D1 HPE / EE1 D2 DBREQ / EE0 D3 THERM2 D4 IRQ2 / DP2 / EXT_DBG2 D5 IRQ6 / DP6 / DACK3 D6 D8 D7 D14 D8 D19 D9 D24 D10 D29 D11 D34 / HD2 D12 D39 / HD7 D13 D43 / HD11 D14 D48 / HA0 D15 D52 / HCS1 D16 D57 / HDSP D17 PWE5 / PSDDQM5 / PBS5 D18 IRQ1 / GBL D19 BADDR27 E1 BTM0 / EE4 E2 EE3 E3 EE2 E4 VDDH Table 3-2. MSC8103 Signal Listing by Pin Designator (Continued) Number Signal Name |