Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C01WDW6TG Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce M24C01WDW6TG
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01WDW6TG Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button M24C01WDW6TG Datasheet HTML 6Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 7Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 8Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 9Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 10Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 11Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 12Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 13Page - STMicroelectronics M24C01WDW6TG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Signal description
M24C16, M24C08, M24C04, M24C02, M24C01
10/34
Figure 5.
I²C bus protocol
Table 3.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable(2),(3)
2.
E0, E1 and E2 are compared against the respective external pins on the memory device.
3.
A10, A9 and A8 represent most significant bits of the address.
RW
b7
b6
b5
b4
b3
b2
b1
b0
M24C01 select code
1010
E2
E1
E0
RW
M24C02 select code
1010
E2
E1
E0
RW
M24C04 select code
1010
E2
E1
A8
RW
M24C08 select code
1010
E2
A9
A8
RW
M24C16 select code
1010
A10
A9
A8
RW
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34