Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C32WCS5P Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24C32WCS5P
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32WCS5P Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24C32WCS5P Datasheet HTML 3Page - STMicroelectronics M24C32WCS5P Datasheet HTML 4Page - STMicroelectronics M24C32WCS5P Datasheet HTML 5Page - STMicroelectronics M24C32WCS5P Datasheet HTML 6Page - STMicroelectronics M24C32WCS5P Datasheet HTML 7Page - STMicroelectronics M24C32WCS5P Datasheet HTML 8Page - STMicroelectronics M24C32WCS5P Datasheet HTML 9Page - STMicroelectronics M24C32WCS5P Datasheet HTML 10Page - STMicroelectronics M24C32WCS5P Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
M24128, M24C64, M24C32
Description
7/39
Figure 2.
DIP, SO, TSSOP and UFDFPN connections
1.
See Package mechanical data section for package dimensions, and how to identify pin-1.
Figure 3.
M24128 WLCSP connections (top view, marking side, with balls on the
underside)
Table 2.
Signal names
Signal name
Function
Direction
E0, E1, E2
Chip Enable
Input
SDA
Serial Data
I/O
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01845e
M24128
M24C64
M24C32
1
2
3
4
8
7
6
5
VCC
E1
E0
WC
E2
SDA
SCL
VSS
ai14799



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39