| Moteur de recherche de fiches techniques de composants électroniques |
|
MPC17511AR2 Fiches technique(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC17511AR2 Fiches technique(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 17 page ![]() Analog Integrated Circuit Device Data 8 Freescale Semiconductor 17511A ELECTRICAL CHARACTERISTICS TIMING DIAGRAMS TIMING DIAGRAMS Figure 5. tPLH, tPHL, and tPZH Timing Figure 6. Low-Voltage Detection tPLH 10% EN, IN1, IN2 OUT1, OUT2 50% 90% (GIN) (GOUT) (tSON) tPHL (tSOFF) t V DDDET 0% IM 50% 90% VDDDETON VDDDETOFF t V DDDET (<1.0 μA) VDD 0.8 V/ 1.5 V 2.5 V/3.5 V Table 6. Truth Table INPUT OUTPUT EN IN1 IN2 GIN OUT1 OUT2 GOUT HH H X L L X HH L X H L X HL H X L H X HL L X Z Z X L XXX L L L HX XHX X L HX X L X X H H = High. L = Low. Z = High impedance. X = Don’t care. |