Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64RCS3P Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce M24C64RCS3P
Description  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64RCS3P Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button M24C64RCS3P Datasheet HTML 14Page - STMicroelectronics M24C64RCS3P Datasheet HTML 15Page - STMicroelectronics M24C64RCS3P Datasheet HTML 16Page - STMicroelectronics M24C64RCS3P Datasheet HTML 17Page - STMicroelectronics M24C64RCS3P Datasheet HTML 18Page - STMicroelectronics M24C64RCS3P Datasheet HTML 19Page - STMicroelectronics M24C64RCS3P Datasheet HTML 20Page - STMicroelectronics M24C64RCS3P Datasheet HTML 21Page - STMicroelectronics M24C64RCS3P Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Device operation
M24128, M24C64, M24C32
18/39
Figure 10.
Write cycle polling flowchart using ACK
4.10
Minimizing system delays by polling on ACK
During the internal Write cycle, the device disconnects itself from the bus, and writes a copy
of the data from its internal latches to the memory cells. The maximum Write time (tw) is
shown in Table 17 and Table 18, but the typical time is shorter. To make use of this, a polling
sequence can be used by the bus master.
The sequence, as shown in Figure 10, is:
1.
Initial condition: a Write cycle is in progress.
2.
Step 1: the bus master issues a Start condition followed by a device select code (the
first byte of the new instruction).
3.
Step 2: if the device is busy with the internal Write cycle, no Ack will be returned and
the bus master goes back to Step 1. If the device has terminated the internal Write
cycle, it responds with an Ack, indicating that the device is ready to receive the second
part of the instruction (the first byte of this instruction having been sent during Step 1).
Write cycle
in progress
AI01847d
Next
operation is
addressing the
memory
Start condition
Device select
with RW = 0
ACK
Returned
YES
NO
YES
NO
ReStart
Stop
Data for the
Write operation
Device select
with RW = 1
Send address
and receive ACK
First byte of instruction
with RW = 0 already
decoded by the device
YES
NO
Start
condition
Continue the
Write operation
Continue the
Random Read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com