Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMA7456LT Fiches technique(PDF) 21 Page - Freescale Semiconductor, Inc

No de pièce MMA7456LT
Description  짹2g/짹4g/짹8g Three Axis Low-g Digital Output Accelerometer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7456LT Fiches technique(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MMA7456LT Datasheet HTML 17Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 18Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 19Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 20Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 21Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 22Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 23Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 24Page - Freescale Semiconductor, Inc MMA7456LT Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Sensors
Freescale Semiconductor
21
MMA7456L
REGISTER DEFINITIONS
Signed byte data (2’s compliment): 0g = 10’h000
Reading low byte XOUTL latches high byte XOUTH to allow 10-bit reads.
XOUTH should be read directly following XOUTL read.
Table 9. User Register Summary
Address
Name
Definition
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
$00
XOUTL
10 bits output value X LSB
XOUT[7]
XOUT[6]
XOUT[5]
XOUT[4]
XOUT[3]
XOUT[2]
XOUT[1]
XOUT[0]
$01
XOUTH
10 bits output value X MSB
--
--
--
--
--
--
XOUT[9]
XOUT[8]
$02
YOUTL
10 bits output value Y LSB
YOUT[7]
YOUT[6]
YOUT[5]
YOUT[4]
YOUT[3]
YOUT[2]
YOUT[1]
YOUT[0]
$03
YOUTH
10 bits output value Y MSB
--
--
--
--
--
--
YOUT[9]
YOUT[8]
$04
ZOUTL
10 bits output value Z LSB
ZOUT[7]
ZOUT[6]
ZOUT[5]
ZOUT[4]
ZOUT[3]
ZOUT[2]
ZOUT[1]
ZOUT[0]
$05
ZOUTH
10 bits output value Z MSB
--
--
--
--
--
--
ZOUT[9]
ZOUT[8]
$06
XOUT8
8 bits output value X
XOUT[7]
XOUT[6]
XOUT[5]
XOUT[4]
XOUT[3]
XOUT[2]
XOUT[1]
XOUT[0]
$07
YOUT8
8 bits output value Y
YOUT[7]
YOUT[6]
YOUT[5]
YOUT[4]
YOUT[3]
YOUT[2]
YOUT[1]
YOUT[0]
$08
ZOUT8
8 bits output value Z
ZOUT[7]
ZOUT[6]
ZOUT[5]
ZOUT[4]
ZOUT[3]
ZOUT[2]
ZOUT[1]
ZOUT[0]
$09
STATUS
Status registers
--
--
--
--
--
PERR
DOVR
DRDY
$0A
DETSRC
Detection source registers
LDX
LDY
LDZ
PDX
PDY
PDZ
INT2
INT1
$0B
TOUT
“Temperature output value” (Optional)
TMP[7]
TMP[6]
TMP[5]
TMP[4]
TMP[3]
TMP[2]
TMP[1]
TMP[0]
$0C
(Reserved)
--
--
--
--
--
--
--
--
$0D
I2CAD
I2C device address
I2CDIS
DAD[6]
DAD[5]
DAD[4]
DAD[3]
DAD[2]
DAD[1]
DAD[0]
$0E
USRINF
User information (Optional)
UI[7]
UI[6]
UI[5]
UI[4]
UI[3]
UI[2]
UI[1]
UI[0]
$0F
WHOAMI
“Who am I” value (Optional)
ID[7]
ID[6]
ID[5]
ID[4]
ID[3]
ID[2]
ID[1]
ID[0]
$10
XOFFL
Offset drift X value (LSB)
XOFF[7]
XOFF[6]
XOFF[5]
XOFF[4]
XOFF[3]
XOFF[2]
XOFF[1]
XOFF[0]
$11
XOFFH
Offset drift X value (MSB)
--
--
--
--
--
XOFF[10]
XOFF[9]
XOFF[8]
$12
YOFFL
Offset drift Y value (LSB)
YOFF[7]
YOFF[6]
YOFF[5]
YOFF[4]
YOFF[3]
YOFF[2]
YOFF[1]
YOFF[0]
$13
YOFFH
Offset drift Y value (MSB)
--
--
--
--
--
YOFF[10]
YOFF[9]
YOFF[8]
$14
ZOFFL
Offset drift Z value (LSB)
ZOFF[7]
ZOFF[6]
ZOFF[5]
ZOFF[4]
ZOFF[3]
ZOFF[2]
ZOFF[1]
ZOFF[0]
$15
ZOFFH
Offset drift Z value (MSB)
--
--
--
--
--
ZOFF[10]
ZOFF[9]
ZOFF[8]
$16
MCTL
Mode control
--
DRPD
SPI3W
STON
GLVL[1]
GLVL[0]
MOD[1]
MOD[0]
$17
INTRST
Interrupt latch reset
--
--
--
--
--
--
CLRINT2
CLRINT1
$18
CTL1
Control 1
DFBW
THOPT
ZDA
YDA
XDA
INTRG[1]
INTRG[0]
INTPIN
$19
CTL2
Control 2
--
--
--
--
--
DRVO
PDPL
LDPL
$1A
LDTH
Level detection threshold limit value
LDTH[7]
LDTH[6]
LDTH[5]
LDTH[4]
LDTH[3]
LDTH[2]
LDTH[1]
LDTH[0]
$1B
PDTH
Pulse detection threshold limit value
PDTH[7]
PDTH[6]
PDTH[5]
PDTH[4]
PDTH[3]
PDTH[2]
PDTH[1]
PDTH[0]
$1C
PW
Pulse duration value
PD[7]
PD[6]
PD[5]
PD[4]
PD[3]
PD[2]
PD[1]
PD[0]
$1D
LT
Latency time value
LT[7]
LT[6]
LT[5]
LT[4]
LT[3]
LT[2]
LT[1]
LT[0]
$1E
TW
Time window for 2nd pulse value
TW[7]
TW[6]
TW[5]
TW[4]
TW[3]
TW[2]
TW[1]
TW[0]
$1F
(Reserved)
--
--
--
--
--
--
--
--
$00: 10bits Output Value X LSB (Read only)
D7
D6
D5
D4
D3
D2
D1
D0
Bit
XOUT [7]
XOUT [6]
XOUT [5]
XOUT [4]
XOUT [3]
XOUT [2]
XOUT [1]
XOUT[0]
Function
0
0
0
0
0
0
0
0
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com