| Moteur de recherche de fiches techniques de composants électroniques |
|
2STR2215 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2STR2215 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() September 2008 Rev 3 1/10 10 2STR2215 Low voltage fast-switching PNP power transistor Features ■ Very low collector-emitter saturation voltage ■ High current gain characteristic ■ Fast switching speed ■ Miniature SOT-23 plastic package for surface mounting circuits Applications ■ LED ■ Battery charger ■ Motor and relay driver ■ Voltage regulation Description The 2STR2215 is a PNP transistor manufactured using new “PB-HCD” (Power Bipolar High Current Density) technology. The resulting transistor shows exceptional high gain performances coupled with very low saturation voltage. The complementary NPN is the 2STR1215. Figure 1. Internal schematic diagram Table 1. Device summary SOT-23 Order code Marking Package Packaging 2STR2215 215 SOT-23 Tape and reel www.st.com |
Numéro de pièce similaire - 2STR2215 |
|
Description similaire - 2STR2215 |