Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N5191 Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce 2N5191
Description  NPN power transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5191 Fiches technique(HTML) 6 Page - STMicroelectronics

  2N5191_07 Datasheet HTML 1Page - STMicroelectronics 2N5191_07 Datasheet HTML 2Page - STMicroelectronics 2N5191_07 Datasheet HTML 3Page - STMicroelectronics 2N5191_07 Datasheet HTML 4Page - STMicroelectronics 2N5191_07 Datasheet HTML 5Page - STMicroelectronics 2N5191_07 Datasheet HTML 6Page - STMicroelectronics 2N5191_07 Datasheet HTML 7Page - STMicroelectronics 2N5191_07 Datasheet HTML 8Page - STMicroelectronics 2N5191_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Package mechanical data
2N5191 2N5192
6/9
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9