| Moteur de recherche de fiches techniques de composants électroniques |
|
BU508AFI Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BU508AFI Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 8 page ![]() BU208A BU508A/BU508AFI HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS s STMicroelectronics PREFERRED SALESTYPES s HIGH VOLTAGE CAPABILITY (> 1500 V) s FULLY INSULATED PACKAGE (U.L. COMPLIANT) FOR EASY MOUNTING APPLICATIONS: s HORIZONTAL DEFLECTION FOR COLOUR TV DESCRIPTION The BU208A, BU508A and BU508AFI are manufactured using Multiepitaxial Mesa technology for cost-effective high performance and use a Hollow Emitter structure to enhance switching speeds. INTERNAL SCHEMATIC DIAGRAM April 2002 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCES Collector-Emitter Voltage (VBE = 0) 1500 V VCEO Collector-Emitter Voltage (IB = 0) 700 V VEBO Emitter-Base Voltage (IC = 0) 10 V IC Collector Current 8 A ICM Collector Peak Current (tp < 5 ms) 15 A BU208A BU508A BU508AFI TO - 3 TO - 218 ISOWATT218 Ptot Total Dissipation at Tc = 25 oC 150 125 50 W Visol Insulation Withstand Voltage (RMS) from All Three Leads to Exernal Heatsink 2500 V Tstg Storage Temperature -65 to 175 -65 to 150 -65 to 150 o C Tj Max. Operating Junction Temperature 175 150 150 o C 1 2 3 TO-218 ISOWATT218 1 2 3 1 2 TO-3 For TO-3 : C = Tab E = Pin2. ® 1/8 |
Numéro de pièce similaire - BU508AFI |
|
Description similaire - BU508AFI |