Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF420-AP Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BF420-AP
Description  SMALL SIGNAL NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF420-AP Fiches technique(HTML) 4 Page - STMicroelectronics

  BF420-AP Datasheet HTML 1Page - STMicroelectronics BF420-AP Datasheet HTML 2Page - STMicroelectronics BF420-AP Datasheet HTML 3Page - STMicroelectronics BF420-AP Datasheet HTML 4Page - STMicroelectronics BF420-AP Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A1
4.80
0.189
T
3.80
0.150
T1
1.60
0.063
T2
2.30
0.091
d
0.48
0.019
P0
12.50
12.70
12.90
0.492
0.500
0.508
P2
5.65
6.35
7.05
0.222
0.250
0.278
F1,F2
2.44
2.54
2.94
0.096
0.100
0.116
delta H
-2.00
2.00
-0.079
0.079
W
17.50
18.00
19.00
0.689
0.709
0.748
W0
5.70
6.00
6.30
0.224
0.236
0.248
W1
8.50
9.00
9.25
0.335
0.354
0.364
W2
0.50
0.020
H
18.50
20.50
0.728
0.807
H0
15.50
16.00
16.50
0.610
0.630
0.650
H1
25.00
0.984
D0
3.80
4.00
4.20
0.150
0.157
0.165
t
0.90
0.035
L
11.00
0.433
I1
3.00
0.118
delta P
-1.00
1.00
-0.039
0.039
TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA
BF420
4/5



Html Pages

1 2 3 4 5