| Moteur de recherche de fiches techniques de composants électroniques |
|
M24C01WDW3TP Fiches technique(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C01WDW3TP Fiches technique(HTML) 26 Page - STMicroelectronics |
|
26 / 34 page ![]() Package mechanical M24C16, M24C08, M24C04, M24C02, M24C01 26/34 Figure 13. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. 2. The ‘1’ that appears in the top view of the package shows the position of pin 1 and the ‘N’ indicates the total number of pins. Table 18. SO8 narrow – 8 lead plastic small outline, 150 mils body width, package mechanical data Symbol millimeters inches Typ Min Max Typ Min Max A1.75 0.069 A1 0.10 0.25 0.004 0.010 A2 1.25 0.049 b 0.28 0.48 0.011 0.019 c 0.17 0.23 0.007 0.009 ccc 0.10 0.004 D 4.90 4.80 5.00 0.193 0.189 0.197 E 6.00 5.80 6.20 0.236 0.228 0.244 E1 3.90 3.80 4.00 0.154 0.150 0.157 e1.27– – 0.050 – – h 0.25 0.50 0.010 0.020 k0° 8° 0° 8° L 0.40 1.27 0.016 0.050 L1 1.04 0.041 SO-A E1 8 ccc b e A D c 1 E h x 45˚ A2 k 0.25 mm L L1 A1 GAUGE PLANE |