| Moteur de recherche de fiches techniques de composants électroniques |
|
LNBP9 Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LNBP9 Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 13 page ![]() Obsolete Product(s) - Obsolete Product(s) Maximum ratings LNBP8-LNBP9 4/13 2 Maximum ratings Note: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied Table 2. Absolute maximum ratings Symbol Parameter Value Unit VCC1, VCC2 Input voltage -0.3 to 28 V ENABLE, TONE, VSEL Logic input voltage -0.3 to 7 V VO Output voltage -0.3 to 28 V TJ Operating junction temperature range -40 to 125 °C TSTG Storage temperature range -55 to 150 °C Table 3. Thermal data Symbol Parameter Value Unit RthJC Thermal resistance junction-case 2 °C/W |