Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PB137 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce PB137
Description  POSITIVE VOLTAGE REGULATOR FOR BATTERY CHARGER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PB137 Fiches technique(HTML) 7 Page - STMicroelectronics

  PB137 Datasheet HTML 1Page - STMicroelectronics PB137 Datasheet HTML 2Page - STMicroelectronics PB137 Datasheet HTML 3Page - STMicroelectronics PB137 Datasheet HTML 4Page - STMicroelectronics PB137 Datasheet HTML 5Page - STMicroelectronics PB137 Datasheet HTML 6Page - STMicroelectronics PB137 Datasheet HTML 7Page - STMicroelectronics PB137 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PB137
7/8
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8