| Moteur de recherche de fiches techniques de composants électroniques |
|
M95256RCS3G Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95256RCS3G Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 44 page ![]() M95256, M95256-W, M95256-R Package mechanical data 39/44 Figure 22. M24256-BR WLCSP, 0.5 mm pitch, package outline 1. Drawing is not to scale. Table 23. M24256-BR WLCSP, 0.5 mm pitch, package mechanical data Symbol Millimeters Inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 0.60 0.55 0.65 0.0236 0.0217 0.0256 A1 0.245 0.22 0.27 0.0096 0.0087 0.0106 A2 0.355 0.330 0.380 0.0140 0.0130 0.0150 B Ø 0.311 Ø 0.0122 D 1.97 1.95 1.99 0.0776 0.0768 0.0783 E 1.785 1.765 1.805 0.0703 0.0695 0.0711 e 0.5 0.0197 e1 0.866 0.0341 e2 0.25 0.0098 e3 0.433 0.0170 F 0.552 0.502 0.602 0.0217 0.0198 0.0237 G 0.392 0.342 0.442 0.0154 0.0135 0.0174 N(2) 2. N is the total number of terminals. 8 8 D E e2 G 32 1 B e A B C D E F e3 e1 Orientation reference A1 A A2 |