Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER17LD Fiches technique(PDF) 26 Page - STMicroelectronics

No de pièce VIPER17LD
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17LD Fiches technique(HTML) 26 Page - STMicroelectronics

Back Button VIPER17LD Datasheet HTML 22Page - STMicroelectronics VIPER17LD Datasheet HTML 23Page - STMicroelectronics VIPER17LD Datasheet HTML 24Page - STMicroelectronics VIPER17LD Datasheet HTML 25Page - STMicroelectronics VIPER17LD Datasheet HTML 26Page - STMicroelectronics VIPER17LD Datasheet HTML 27Page - STMicroelectronics VIPER17LD Datasheet HTML 28Page - STMicroelectronics VIPER17LD Datasheet HTML 29Page - STMicroelectronics VIPER17LD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
Operation descriptions
VIPER17
26/33
Equation 10
For a proper operation of this function, VIN on must be less than the peak voltage at
minimum mains and VIN off less than the minimum voltage on the input bulk capacitor at
minimum mains and maximum load.
The BR pin is a high impedance input connected to high value resistors, thus it is prone to
pick up noise, which might alter the OFF threshold when the converter operates or gives
origin to undesired switch-off of the device during ESD tests.
It is possible to bypass the pin to ground with a small film capacitor (e.g. 1-10 nF) to prevent
any malfunctioning of this kind.
If the Brown-out function is not used the pin has to be connected to GND.
BRhyst
BRhyst
L
L
BRhyst
BRhyst
INoff
INon
H
I
V
R
R
I
V
V
V
R
+
×
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33