| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER17_0810 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER17_0810 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 33 page ![]() Typical circuit VIPER17 14/33 6 Typical circuit Figure 20. Flyback application (basic) Figure 21. Flyback application OPTO R5 C6 AC IN R3 AC IN Vout D3 R1 C5 U2 R4 BR C4 R6 C3 C1 D1 GND C2 R2 D2 BR CONT DRAIN SOURCE CONTROL Vcc FB VDD GND BR CONT DRAIN SOURCE CONTROL Vcc FB C3 C2 BR Vout R2 Daux C5 GND Rl R3 Rov p Rh Rlim R6 D2 U2 AC IN D3 R1 C6 OPTO D1 C4 R5 AC IN C1 R4 VDD GND |