Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L5980TR Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce L5980TR
Description  0.7 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5980TR Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button L5980TR Datasheet HTML 29Page - STMicroelectronics L5980TR Datasheet HTML 30Page - STMicroelectronics L5980TR Datasheet HTML 31Page - STMicroelectronics L5980TR Datasheet HTML 32Page - STMicroelectronics L5980TR Datasheet HTML 33Page - STMicroelectronics L5980TR Datasheet HTML 34Page - STMicroelectronics L5980TR Datasheet HTML 35Page - STMicroelectronics L5980TR Datasheet HTML 36Page - STMicroelectronics L5980TR Datasheet HTML 37Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Package mechanical data
L5980
33/37
6
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of the
second level interconnect is marked on the package and on the inner box label, in
compliance with the JEDEC Standard JESD97. The maximum ratings related to soldering
condition are also marked on the inner box label. ECOPACK® is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37